PART |
Description |
Maker |
AT49LV1024A AT49LV1024A-45VC AT49LV1024A-45VL |
1M bit, 64K x 16, 3-Volt Read and 3-Volt Write Flash 1-megabit (64K x 16) 3-volt Only Flash Memory
|
ATMEL[ATMEL Corporation]
|
AT49F1024A AT49F1024A-45VL AT49F1024A-45VC |
1M bit, 64K x 16, 5-Volt Read and 5-Volt Write Flash 1 - MEGABIT ( 64K X 16 ) 5 - VOLTS ONLY FLASH MEMORY
|
ATMEL[ATMEL Corporation]
|
AT49F1025 |
1M bit, 64K x 16, 5-Volt Read and 5-Volt Write Flash
|
Atmel
|
AM29DL640G90 AM29DL640G120 AM29DL640G70PCEN AM29DL |
64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory 64兆位米8 4米x 16位).0伏的CMOS只,同步写闪 64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory 4M X 16 FLASH 3V PROM, 70 ns, PBGA63
|
Advanced Micro Devices, Inc.
|
AT49F4096ANBSP AT49F4096A-70CC AT49F4096A-90CC |
EEPROM 4M bit, 5-Volt Read and 5-Volt Write Flash
|
Atmel Corp
|
AT49BV163A AT49BV163T |
16M bit, 2.7-Volt Read and 2.7-Volt Byte-Write Sectored Flash, Single Pane, Bottom Boot
|
Atmel
|
AT29BV020 |
2M bit, 2.7-Volt Read and 2.7-Volt Write Flash
|
Atmel
|
S29PL127N65GAWW02 S29PL127N65GAW003 S29PL127N65GAI |
256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory 8M X 16 FLASH 3V PROM, 65 ns, PBGA64 256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory 256/128/128字节6/8/8 M中的x 16位).0伏的CMOS只同步读/写,页模式闪 256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory 8M X 16 FLASH 3V PROM, 70 ns, PBGA64 256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory 16M X 16 FLASH 3V PROM, 70 ns, PBGA84 256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory 16M X 16 FLASH 3V PROM, 65 ns, PBGA84
|
Spansion, Inc. Spansion Inc. SPANSION LLC
|
AM29DL640G AM29DL640G70EIN AM29DL640G70WHE AM29DL6 |
64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
|
SPANSION AMD[Advanced Micro Devices]
|
AM29PDL128G80PEI AM29PDL128G70RPEF AM29PDL128G70RP |
128 Megabit (8 M x 16-Bit/4 M x 32-Bit) CMOS 3.0 Volt-only, Simultaneous Read/ Write Flash Memory with VersatileIOTM Control
|
AMD[Advanced Micro Devices]
|
AM41DL3248GT45IS M41000002S M41000002L |
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM 32兆位个M × 8 2米x 16位).0伏的CMOS只,同步写闪存和8兆位 M中的x 8-Bit/512亩x 16位),静态存储器 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM 32兆位个M × 8 2x 16位).0伏的CMOS只,同步写闪存和8兆位 M中的x 8-Bit/512x 16位),静态存储器
|
Samsung Semiconductor Co., Ltd. Advanced Micro Devices, Inc.
|
AT49BV001A AT49BV001A-55JI AT49BV001A-55TI AT49BV0 |
128K x 8 (1M bit), 2.7-Volt Read and Write, Top or Bottom Boot Parametric Block Flash. 1-megabit (128K x 8) Single 2.7-volt Battery-Voltage⑩ Flash Memory 1-MEGABIT (128K X 8) SINGLE 2.7-VOLT BATTERY-VOLTAGE⒙ FLASH MEMORY 1-megabit (128K x 8) Single 2.7-volt Battery-Voltage Flash Memory AC 12C 12#12 SKT RECP JT 100C 100#22D SKT RECP AT49BV001A(N)(T) [Updated 9/03. 18 Pages] 128K x 8 (1M bit). 2.7-Volt Read and Write. Top or Bottom Boot Parametric Block Flash. AC 6C 3#16 3#4 SKT RECP Circular Connector; No. of Contacts:55; Series:MS27508; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:22; Circular Contact Gender:Socket; Circular Shell Style:Box Mount Receptacle RoHS Compliant: No 1-megabit (128K x 8) Single 2.7-volt Battery-VoltageFlash Memory 1兆位128K的8)单2.7伏电池电压⑩闪存 1-megabit (128K x 8) Single 2.7-volt Battery-VoltageFlash Memory 128K X 8 FLASH 2.7V PROM, 55 ns, PQCC32 1-megabit (128K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|